Part Number Hot Search : 
1050QA1 AT27C 1N4731 BEFTDE18 SF106 508AF 15KP70 C3602A
Product Description
Full Text Search
 

To Download DDTA125TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA
DDTA (R1-ONLY SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R1 only Lead Free/RoHS Compliant (Note 2)
TOP VIEW
A C B E D G H K J L C
SOT-23 Dim A B C D
M
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
Mechanical Data
* * * * * * * * *
Case: SOT-23 Molded Plastic Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.008 grams (approximate)
E
B
E G H J K L M a
R1
B
C
E SCHEMATIC DIAGRAM
All Dimensions in mm
P/N DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA
R1 (NOM) 1KW 2.2KW 4.7KW 10KW 22KW 47KW 100KW 200KW
Type Code P01 P03 P07 P12 P16 P19 P23 P25
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30335 Rev. 5 - 2
1 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min -50 -50 -5 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 Max Unit 3/4 3/4 3/4 -0.5 -0.5 V V V mA mA IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -10mA/-1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-.1mA IC/IB = -5mA-/0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-0.1mA IC/IB = -.5mA/-.05mA IC = -1mA, VCE = -5V 3/4 VCE = -10V, IE = 5mA, f = 100MHz DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
3/4
3/4
-0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
hFE DR1 fT
100 -30 3/4
250 3/4 250
600 +30 3/4
3/4 % MHz
Ordering Information
Device DDTA113TCA-7-F DDTA123TCA-7-F DDTA143TCA-7-F DDTA114TCA-7-F DDTA124TCA-7-F DDTA144TCA-7-F DDTA115TCA-7-F DDTA125TCA-7-F
Notes:
(Note 3) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2004 R Apr 4
2005 S May 5 Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30335 Rev. 5 - 2
2 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
TYPICAL CURVES - DDTA114TCA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
25C
0.1
-25C 75C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10 75C
12
IE = 0V
10
25C
-25C
COB, CAPACITANCE (pF)
100
8 6 4 2 0
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
25C
VO = 0.2
10
-25C
1
Vin, INPUT VOLTAGE (V)
-25C
1
75C 25C
0.1
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30335 Rev. 5 - 2
3 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30335 Rev. 5 - 2
4 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTA125TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X